| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1893BKILF bảng dữ liệu(PDF) 114 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893BKILF bảng dữ liệu(HTML) 114 Page - Integrated Circuit Systems |
|
114 / 133 page ![]() ICS1893BF, Rev. C, 9/29/05 September, 2005 114 Chapter 9 DC and AC Operating Conditions ICS1893BF Data Sheet - Release Copyright © 2005, Integrated Circuit Systems, Inc. All rights reserved. 9.5.5 10M MII: Synchronous Transmit Timing Table 9-12 lists the significant time periods for the 10M MII synchronous transmit timing. The time periods consist of timings of signals on the following pins: • TXCLK • TXD[3:0] • TXEN • TXER Figure 9-6 shows the timing diagram for the time periods. Figure 9-6. 10M MII Synchronous Transmit Timing Diagram Table 9-12. 10M MII: Synchronous Transmit Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 TXD[3:0], TXEN, TXER Setup to TXCLK Rise – 375 – – ns t2 TXD[3:0], TXEN, TXER Hold after TXCLK Rise – 0 – – ns t1 t2 TXCLK TXD[3:0] TXEN TXER |