| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1893BK bảng dữ liệu(PDF) 23 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893BK bảng dữ liệu(HTML) 23 Page - Integrated Circuit Systems |
|
23 / 133 page ![]() Chapter 5 Interface Overviews ICS1893BF, Rev. C, 9/29/05 September, 2005 23 ICS1893BF Data Sheet Rev. C - Release Copyright © 2005, Integrated Circuit Systems, Inc. All rights reserved. Chapter 5 Interface Overviews The ICS1893BF MAC Interface is fully configurable, thereby allowing it to accommodate many different applications. This chapter includes overviews of the following MAC-to-PHY interfaces: • Section 5.1, “MII Data Interface” • Section 5.2, “Serial Management Interface” • Section 5.3, “Twisted-Pair Interface” • Section 5.4, “Clock Reference Interface” • Section 5.5, “Status Interface” |