| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCIMX6DP5AVT2AB bảng dữ liệu(PDF) 95 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCIMX6DP5AVT2AB bảng dữ liệu(HTML) 95 Page - NXP Semiconductors |
|
95 / 166 page ![]() Electrical Characteristics i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018 NXP Semiconductors 95 4.12.10.1 IPU Sensor Interface Signal Mapping The IPU supports a number of sensor input formats. Table 62 defines the mapping of the Sensor Interface Pins used for various supported interface formats. Table 62. Camera Input Signal Cross Reference, Format, and Bits Per Cycle Signal Name1 1 IPU2_CSIx stands for IPU2_CSI1 or IPU2_CSI2. RGB565 8 bits 2 cycles RGB5652 8 bits 3 cycles RGB6663 8 bits 3 cycles RGB888 8 bits 3 cycles YCbCr4 8 bits 2 cycles RGB5655 16 bits 1 cycle YCbCr6 16 bits 1 cycle YCbCr7 16 bits 1 cycle YCbCr8 20 bits 1 cycle IPUx_CSIx_ DATA00 ——— — — — — 0 C[0] IPUx_CSIx_ DATA01 ——— — — — — 0 C[1] IPUx_CSIx_ DATA02 — — — — — — — C[0] C[2] IPUx_CSIx_ DATA03 — — — — — — — C[1] C[3] IPUx_CSIx_ DATA04 — — — — — B[0] C[0] C[2] C[4] IPU2_CSIx_ DATA_05 — — — — — B[1] C[1] C[3] C[5] IPUx_CSIx_ DATA06 — — — — — B[2] C[2] C[4] C[6] IPUx_CSIx_ DATA07 — — — — — B[3] C[3] C[5] C[7] IPUx_CSIx_ DATA08 — — — — — B[4] C[4] C[6] C[8] IPUx_CSIx_ DATA09 — — — — — G[0] C[5] C[7] C[9] IPUx_CSIx_ DATA10 — — — — — G[1] C[6] 0 Y[0] IPUx_CSIx_ DATA11 — — — — — G[2] C[7] 0 Y[1] IPUx_CSIx_ DATA12 B[0], G[3] R[2],G[4],B[2] R/G/B[4] R/G/B[0] Y/C[0] G[3] Y[0] Y[0] Y[2] IPUx_CSIx_ DATA13 B[1], G[4] R[3],G[5],B[3] R/G/B[5] R/G/B[1] Y/C[1] G[4] Y[1] Y[1] Y[3] IPUx_CSIx_ DATA14 B[2], G[5] R[4],G[0],B[4] R/G/B[0] R/G/B[2] Y/C[2] G[5] Y[2] Y[2] Y[4] IPUx_CSIx_ DATA15 B[3], R[0] R[0],G[1],B[0] R/G/B[1] R/G/B[3] Y/C[3] R[0] Y[3] Y[3] Y[5] IPUx_CSIx_ DATA16 B[4], R[1] R[1],G[2],B[1] R/G/B[2] R/G/B[4] Y/C[4] R[1] Y[4] Y[4] Y[6] IPUx_CSIx_ DATA17 G[0], R[2] R[2],G[3],B[2] R/G/B[3] R/G/B[5] Y/C[5] R[2] Y[5] Y[5] Y[7] IPUx_CSIx_ DATA18 G[1], R[3] R[3],G[4],B[3] R/G/B[4] R/G/B[6] Y/C[6] R[3] Y[6] Y[6] Y[8] IPUx_CSIx_ DATA19 G[2], R[4] R[4],G[5],B[4] R/G/B[5] R/G/B[7] Y/C[7] R[4] Y[7] Y[7] Y[9] |