| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8564A bảng dữ liệu(PDF) 78 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8564A bảng dữ liệu(HTML) 78 Page - NXP Semiconductors |
|
78 / 86 page ![]() NXP Semiconductors PCA2131 Nano-power highly accurate RTC with integrated quartz crystal for automotive applications 16 Abbreviations Acronym Description AM Ante Meridiem BCD Binary Coded Decimal CDM Charged Device Model CMOS Complementary Metal-Oxide Semiconductor DC Direct Current GPS Global Positioning System HBM Human Body Model I2C Inter-Integrated Circuit IC Integrated Circuit LSB Least Significant Bit MCU Microcontroller Unit MM Machine Model MSB Most Significant Bit PM Post Meridiem POR Power-On Reset PORO Power-On Reset Override PPM Parts Per Million RC Resistance-Capacitance RTC Real-Time Clock SCL Serial CLock line SDA Serial DAta line SPI Serial Peripheral Interface SRAM Static Random Access Memory TCXO Temperature Compensated Xtal Oscillator Xtal crystal Table 94. Abbreviations 17 References [1] AN13203 Application and soldering information for the PCF2131 and PCA2131 RTC [2] SOT1992-1_518 HLSON16; Reel pack; SMD, 13", packing information [3] UM10204 I2C-bus specification and user manual [4] UM10569 Store and transport requirements PCA2131 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 1.0 — 26 July 2021 78 / 86 |