| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8563 bảng dữ liệu(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8563 bảng dữ liệu(HTML) 30 Page - NXP Semiconductors |
|
30 / 86 page ![]() NXP Semiconductors PCA2131 Nano-power highly accurate RTC with integrated quartz crystal for automotive applications Although the association of the weekdays counter to the actual weekday is arbitrary, the PCA2131 assumes that Sunday is 000 and Monday is 001 for the purpose of determining the increment for calendar weeks. Bit Day[1] 2 1 0 Sunday 0 0 0 Monday 0 0 1 Tuesday 0 1 0 Wednesday 0 1 1 Thursday 1 0 0 Friday 1 0 1 Saturday 1 1 0 Table 39. Weekday assignments [1] Definition may be reassigned by the user. 7.9.7 Register Months Bits labeled as T are unused and return 0 when read Bit 7 6 5 4 3 2 1 0 Symbol T T T MONTHS (1 to 12) Reset value 0 0 0 0 0 0 0 1 Table 40. Months - months register (address 0Ch) bit allocation Bits labeled as T are unused and return 0 when read Bit Symbol Value Place value Description 7 to 5 T 000 - unused 4 0 to 1 ten’s place 3 to 0 MONTHS 0 to 9 unit place actual month coded in BCD format, see Table 42 Table 41. Months - months register (address 0Ch) bit description Upper-digit (ten’s place) Digit (unit place) Month Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 January 0 0 0 0 1 February 0 0 0 1 0 March 0 0 0 1 1 April 0 0 1 0 0 Table 42. Month assignments in BCD format PCA2131 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 1.0 — 26 July 2021 30 / 86 |