| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN9255/ZMX018 bảng dữ liệu(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9255/ZMX018 bảng dữ liệu(HTML) 8 Page - Microchip Technology |
|
8 / 23 page ![]() LAN9255 DS00003646B-page 8 2020-2021 Microchip Technology Inc. 4.0 PIN CONFIGURATION This section provides pin assignment information for the LAN9255. Pin descriptions for the various LAN9253 and SAM E53J functions should be referenced in their respective data sheets, as detailed in Section 1.1, References. 4.1 Pin Assignments FIGURE 4-1: PIN ASSIGNMENTS (TOP VIEW) Note: When a “ #” is used at the end of the signal name, it indicates that the signal is active low. For example, RST# indicates that the reset signal is active low. Configuration straps are identified by an underlined sym- bol name. 121 122 123 124 125 127 128 126 113 114 115 116 117 118 119 120 105 106 107 108 109 110 111 112 97 98 99 100 101 102 103 104 LAN9255 128-TQFP (Top View) VSS Connect exposed pad to ground with a via field VDDIO_S PB22 PB23 D4/AD4/DIGIO3/GPI3/GPO3/MII_LINK D5/AD5/OUTVALID/SCS# VDD33TXRX1 TXNA TXPA RXNA RXPA PA27 RESETN_E53 VDDCORE VDD12TX1 RBIAS VDD33BIAS VDD12TX2 VSW RXPB RXNB VDDIO_S TXPB TXNB PA30 PA31 PB30 PB31 VDD33TXRX2 PB00 PB01 PB02 OSCI PA15 PA14 PA13 PA12 VDDIO_J RD/RD_WR/DIGIO15/GPI15/GPO15/MII_RXD3 WR/ENB/DIGIO14/GPI14/GPO14/MII_RXD2 A2/ALEHI/DIGIO10/GPI10/GPO10/LINKACTLED2/EE_EMUL_ALELO_POL/MII_LINKPOL/LEDPOL2 CS/DIGIO13/GPI13/GPO13/MII_RXD1 A4/BE1/DIGIO12/GPI12/GPO12/MII_RXD0 A3/BE0/DIGIO11/GPI11/GPO11/MII_RXDV A1/ALELO/OE_EXT/MII_CLK25//EE_EMUL_SPI2 VDDCR D10/AD10/DIGIO4/GPI4/GPO4/MII_TXEN D11/AD11/DIGIO5/GPI5/GPO5/MII_TXD0/100FD_A D12/AD12/DIGIO6/GPI6/GPO6/MII_TXD1/100FD_B NC PB15 PB14 VDDIO_J PB13 PB12 PB11 D9/AD9/LATCH_IN/SCK PB10 SYNC1/LATCH1/PME D0/AD0/WD_STATE/SI/SIO0 VDDIOB PA11 PA10 PA09 PA08 |