công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F684-E/SL bảng dữ liệu(PDF) 80 Page - Microchip Technology

tên linh kiện PIC16F684-E/SL
Giải thích chi tiết về linh kiện  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684-E/SL bảng dữ liệu(HTML) 80 Page - Microchip Technology

Back Button PIC16F684-E/SL Datasheet HTML 76Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 77Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 78Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 79Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 80Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 81Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 82Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 83Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 164 page
background image
PIC16F684
DS41202C-page 78
Preliminary
 2004 Microchip Technology Inc.
11.3
Enhanced PWM Mode
The Enhanced CCP module produces up to a 10-bit
resolution PWM output and may have up to four
outputs, depending on the selected operating mode.
These outputs, designated P1A through P1D, are
multiplexed with I/O pins on PORTC. The pin
assignments are summarized in Table 11-3.
Figure 11-3 shows a simplified block diagram of PWM
operation.
To configure I/O pins as PWM outputs, the proper PWM
mode must be selected by setting the P1M<1:0> and
CCP1M<3:0>
bits
(CCP1CON<7:6>
and
CCP1CON<3:0>,
respectively).
The
appropriate
TRISC bits must also be set as outputs.
FIGURE 11-3:
SIMPLIFIED BLOCK DIAGRAM OF THE ENHANCED PWM MODULE
11.3.1
PWM OUTPUT CONFIGURATIONS
The P1M<1:0> bits in the CCP1CON register allows
one of four configurations:
• Single Output
• Half-bridge Output
• Full-bridge Output, Forward mode
• Full-bridge Output, Reverse mode
The
general
relationship
of
the
outputs
in
all
configurations is summarized in Figure 11-3.
TABLE 11-3:
PIN ASSIGNMENTS FOR VARIOUS ENHANCED CCP MODES
CCPR1L
CCPR1H (Slave)
Comparator
TMR2
Comparator
PR2
(1)
RQ
S
Duty Cycle Registers
CCP1CON<5:4>
Clear Timer2,
toggle PWM pin and
latch duty cycle
Note 1:
The 8-bit timer TMR2 register is concatenated with the 2-bit internal Q clock, or 2 bits of the prescaler to
create the 10-bit time base.
TRISC<5>
RC5/CCP1/P1A
TRISC<4>
RC4/C2OUT/P1B
TRISC<3>
RC3/AN7/P1C
TRISC<2>
RC2/AN6/P1D
Output
Controller
P1M<1:0>
2
CCP1M<3:0>
4
PWM1CON
CCP1/P1A
P1B
P1C
P1D
Note:
Clearing the CCP1CON register will force
the PWM output latches to their default
inactive levels. This is not the PORTC I/O
data latch.
ECCP Mode
CCP1CON
Configuration
RC5
RC4
RC3
RC2
Compatible CCP
00xx11xx
CCP1
RC4/C2OUT
RC3/AN7
RC2/AN6
Dual PWM
10xx11xx
P1A
P1B
RC3/AN7
RC2/AN6
Quad PWM
x1xx11xx
P1A
P1B
P1C
P1D
Legend: x = Don’t care. Shaded cells indicate pin assignments not used by ECCP in a given mode.
Note 1:
TRIS register values must be configured appropriately.
2:
With ECCP in Dual or Quad PWM mode, the C2OUT output control of PORTC must be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com