công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS85314AI-11 bảng dữ liệu(PDF) 1 Page - Integrated Circuit Systems

tên linh kiện ICS85314AI-11
Giải thích chi tiết về linh kiện  LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85314AI-11 bảng dữ liệu(HTML) 1 Page - Integrated Circuit Systems

  ICS85314AI-11 Datasheet HTML 1Page - Integrated Circuit Systems ICS85314AI-11 Datasheet HTML 2Page - Integrated Circuit Systems ICS85314AI-11 Datasheet HTML 3Page - Integrated Circuit Systems ICS85314AI-11 Datasheet HTML 4Page - Integrated Circuit Systems ICS85314AI-11 Datasheet HTML 5Page - Integrated Circuit Systems ICS85314AI-11 Datasheet HTML 6Page - Integrated Circuit Systems ICS85314AI-11 Datasheet HTML 7Page - Integrated Circuit Systems ICS85314AI-11 Datasheet HTML 8Page - Integrated Circuit Systems ICS85314AI-11 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
85314AGI-11
www.icst.com/products/hiperclocks.html
REV. C MAY 24, 2005
1
Integrated
Circuit
Systems, Inc.
ICS85314I-11
LOW SKEW, 1-TO-5
DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS85314I-11 is a low skew, high perfor-
mance 1-to-5 Differential-to-2.5V/3.3V LVPECL
fanout buffer and a member of the HiPerClockS™
family of High Performance Clock Solutions from
ICS. The ICS85314I-11 has two selectable dif-
ferential clock inputs. The CLK0, nCLK0 and CLK1, nCLK1
pairs can accept most standard differential input levels. The
clock enable is internally synchronized to eliminate runt clock
pulses on the outputs during asynchronous asser tion/
deassertion of the clock enable pin.
Guaranteed output and part-to-part skew characteristics make
the ICS85314I-11 ideal for those applications demanding well
defined performance and repeatability.
FEATURES
• 5 differential 2.5V/3.3V LVPECL outputs
• Selectable differential CLKx, nCLKx inputs
• CLK0, nCLK0 and CLK1, nCLK1 pairs can accept the
following differential input levels: LVPECL, LVDS, LVHSTL,
HCSL, SSTL
• Maximum output frequency: 700MHz
• Translates any single-ended input signal to 3.3V
LVPECL levels with resistor bias on nCLK input
• Output skew: 30ps (maximum)
• Part-to-part skew: 350ps (maximum)
• Propagation delay: 1.8ns (maximum)
• RMS phase jitter @ 155.52MHz (12kHz - 20MHz):
0.05ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 3.8V, VEE = 0V
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
nCLK_EN
VCC
nCLK1
CLK1
RESERVED
nCLK0
CLK0
CLK_SEL
VEE
HiPerClockS™
ICS
ICS85314I-11
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm Package Body
G Package
Top View
ICS85314I-11
20-Lead SOIC
7.5mm x 12.8mm x 2.3mm Package Body
M Package
Top View
CLK0
nCLK0
CLK1
nCLK1
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
0
1
nCLK_EN
CLK_SEL
D
Q
CK
0
1


Số phần tương tự - ICS85314AI-11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Circuit Syst...
ICS85314AG-01 ICST-ICS85314AG-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314AG-01T ICST-ICS85314AG-01T Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314AG01 ICST-ICS85314AG01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314AM-01 ICST-ICS85314AM-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314AM-01T ICST-ICS85314AM-01T Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
More results

Mô tả tương tự - ICS85314AI-11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Circuit Syst...
ICS853014 ICST-ICS853014 Datasheet
470Kb / 17P
LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
REV. C MAY 13, 2005
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. E SEPTEMBER 23, 2005
logo
Integrated Device Techn...
ICS853014 IDT-ICS853014 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
REV. A NOVEMBER 28, 2005
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
ICS85314I-11 RENESAS-ICS85314I-11 Datasheet
546Kb / 22P
Low Skew, 1-to-5 Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
SEPTEMBER 16, 2013
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
ICS853S014I RENESAS-ICS853S014I Datasheet
445Kb / 21P
Low Skew, 1-to-5, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
MAY 23, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com