| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM652X bảng dữ liệu(PDF) 98 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM652X bảng dữ liệu(HTML) 98 Page - Texas Instruments |
|
98 / 282 page ![]() Table 6-55. PRU_ICSSG2 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG2_PWM0_TZ_IN PRU_ICSSG PWM Trip Zone Input I P28 PRG2_PWM0_TZ_OUT PRU_ICSSG PWM Trip Zone Output O P24 PRG2_PWM1_TZ_IN PRU_ICSSG PWM Trip Zone Input I F18 PRG2_PWM1_TZ_OUT PRU_ICSSG PWM Trip Zone Output O AE14 PRG2_PWM2_TZ_IN PRU_ICSSG PWM Trip Zone Input I P23 PRG2_PWM2_TZ_OUT PRU_ICSSG PWM Trip Zone Output O T23 PRG2_PWM3_TZ_IN PRU_ICSSG PWM Trip Zone Input I AE15 PRG2_PWM3_TZ_OUT PRU_ICSSG PWM Trip Zone Output O AF14 PRG2_PWM0_A0 PRU_ICSSG PWM Output A IO AG17 PRG2_PWM0_A1 PRU_ICSSG PWM Output A IO AD16 PRG2_PWM0_A2 PRU_ICSSG PWM Output A IO AD15 PRG2_PWM0_B0 PRU_ICSSG PWM Output B IO AH16 PRG2_PWM0_B1 PRU_ICSSG PWM Output B IO AD17 PRG2_PWM0_B2 PRU_ICSSG PWM Output B IO AC15 PRG2_PWM1_A0 PRU_ICSSG PWM Output A IO R23 PRG2_PWM1_A1 PRU_ICSSG PWM Output A IO AD18 PRG2_PWM1_A2 PRU_ICSSG PWM Output A IO AE26 PRG2_PWM1_B0 PRU_ICSSG PWM Output B IO T24 PRG2_PWM1_B1 PRU_ICSSG PWM Output B IO AH18 PRG2_PWM1_B2 PRU_ICSSG PWM Output B IO AE28 PRG2_PWM2_A0 PRU_ICSSG PWM Output A IO N23 PRG2_PWM2_A1 PRU_ICSSG PWM Output A IO P27 PRG2_PWM2_A2 PRU_ICSSG PWM Output A IO N25 PRG2_PWM2_B0 PRU_ICSSG PWM Output B IO M26 PRG2_PWM2_B1 PRU_ICSSG PWM Output B IO N26 PRG2_PWM2_B2 PRU_ICSSG PWM Output B IO R27 PRG2_PWM3_A0 PRU_ICSSG PWM Output A IO AF18 PRG2_PWM3_A1 PRU_ICSSG PWM Output A IO AF17 PRG2_PWM3_A2 PRU_ICSSG PWM Output A IO AH15 PRG2_PWM3_B0 PRU_ICSSG PWM Output B IO AG18 PRG2_PWM3_B1 PRU_ICSSG PWM Output B IO AE17 PRG2_PWM3_B2 PRU_ICSSG PWM Output B IO AC16 PRG2_RGMII1_RXC PRU_ICSSG RGMII Receive Clock I AF17 PRG2_RGMII1_RX_CTL PRU_ICSSG RGMII Receive Control I AG17 PRG2_RGMII1_TXC PRU_ICSSG RGMII Transmit Clock IO AD16 PRG2_RGMII1_TX_CTL PRU_ICSSG RGMII Transmit Control O AE17 PRG2_RGMII2_RXC PRU_ICSSG RGMII Receive Clock I AG15 PRG2_RGMII2_RX_CTL PRU_ICSSG RGMII Receive Control I AG14 PRG2_RGMII2_TXC PRU_ICSSG RGMII Transmit Clock IO AE14 PRG2_RGMII2_TX_CTL PRU_ICSSG RGMII Transmit Control O AC17 PRG2_RGMII1_RD0 PRU_ICSSG RGMII Receive Data I AF18 PRG2_RGMII1_RD1 PRU_ICSSG RGMII Receive Data I AE18 PRG2_RGMII1_RD2 PRU_ICSSG RGMII Receive Data I AH17 PRG2_RGMII1_RD3 PRU_ICSSG RGMII Receive Data I AG18 PRG2_RGMII1_TD0 PRU_ICSSG RGMII Transmit Data O AH16 AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 www.ti.com 98 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: AM6548 AM6528 AM6526 |