| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB7252C-I/KDX bảng dữ liệu(PDF) 55 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7252C-I/KDX bảng dữ liệu(HTML) 55 Page - Microchip Technology |
|
55 / 63 page ![]() 2021 Microchip Technology Inc. DS00003852A-page 55 10.0 PACKAGE OUTLINE 10.1 Package Marking Information * Standard device marking consists of Microchip part number, year code, week code and traceability code. For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. Legend: i Temperature range designator (Blank = commercial, i = industrial) R Product revision nnn Internal code e3 Pb-free JEDEC® designator for Matte Tin (Sn) YY Year code (last two digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 100-VQFN (12x12 mm) PIN 1 e3 |