| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB7252C bảng dữ liệu(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7252C bảng dữ liệu(HTML) 11 Page - Microchip Technology |
|
11 / 63 page ![]() 2021 Microchip Technology Inc. DS00003852A-page 11 Downstream Port 1 USB 3.2 Gen 2 TX D- Orientation B USB3DN_TXDM1B I/O-U Downstream USB Type-C “Orientation B” SuperSpeed+ Transmit Data Minus, port 1. Float Downstream Port 1 USB 3.2 Gen 2 RX D+ Orientation B USB3DN_RXDP1B I/O-U Downstream USB Type-C “Orientation B” SuperSpeed+ Receive Data Plus, port 1. Weak pull- down to GND Downstream Port 1 USB 3.2 Gen 2 RX D- Orientation B USB3DN_RXDM1B I/O-U Downstream USB Type-C “Orientation B” SuperSpeed+ Receive Data Minus, port 1. Weak pull- down to GND Downstream Port 2 USB 3.2 Gen 2 TX D+ Orientation A USB3DN_TXDP2A I/O-U Downstream USB Type-C “Orientation A” SuperSpeed+ Transmit Data Plus, port 2. Float Downstream Port 2 USB 3.2 Gen 2 TX D- Orientation A USB3DN_TXDM2A I/O-U Downstream USB Type-C “Orientation A” SuperSpeed+ Transmit Data Minus, port 2. Float Downstream Port 2 USB 3.2 Gen 2 RX D+ Orientation A USB3DN_RXDP2A I/O-U Downstream USB Type-C “Orientation A” SuperSpeed+ Receive Data Plus, port 2. Weak pull- down to GND Downstream Port 2 USB 3.2 Gen 2 RX D- Orientation A USB3DN_RXDM2A I/O-U Downstream USB Type-C “Orientation A” SuperSpeed+ Receive Data Minus, port 2. Weak pull- down to GND Downstream Port 2 USB 3.2 Gen 2 TX D+ Orientation B USB3DN_TXDP2B I/O-U Downstream USB Type-C “Orientation B” SuperSpeed+ Transmit Data Plus, port 2. Float Downstream Port 2 USB 3.2 Gen 2 TX D- Orientation B USB3DN_TXDM2B I/O-U Downstream USB Type-C “Orientation B” SuperSpeed+ Transmit Data Minus, port 2. Float Downstream Port 2 USB 3.2 Gen 2 RX D+ Orientation B USB3DN_RXDP2B I/O-U Downstream USB Type-C “Orientation B” SuperSpeed+ Receive Data Plus, port 2. Weak pull- down to GND Downstream Port 2 USB 3.2 Gen 2 RX D- Orientation B USB3DN_RXDM2B I/O-U Downstream USB Type-C “Orientation B” SuperSpeed+ Receive Data Minus, port 2. Weak pull- down to GND TABLE 3-1: PIN DESCRIPTIONS (CONTINUED) Name Symbol Buffer Type Description If Unused |