| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB5906C bảng dữ liệu(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5906C bảng dữ liệu(HTML) 37 Page - Microchip Technology |
|
37 / 63 page ![]() 2019 - 2021 Microchip Technology Inc. DS00003188B-page 37 USB5906C 8.6.3 PORT CONTROLLER CONNECTION EXAMPLE FIGURE 8-9: PORT POWER CONTROL WITH GANGED CONTROL WITH POLY FUSE FIGURE 8-10: GENERIC PORT POWER CONTROLLERS Note: The CFG_BC_EN configuration strap must be properly configured to enable battery charging on the appro- priate ports. For more information on the CFG_BC_EN configuration strap, refer to Section 3.5.4, Battery Charging Configuration (CFG_BC_EN). Pull-Up Enable USB Device Poly Fuse 5V Pull-Up Enable Pull-Up Enable 50k 50k 50k PRTPWR OCS USB Device USB Device PRT_CTLx PRT_CTLy PRT_CTLz Generic Port Power Controller Port x Connector Generic Port Power Controller POWER (High Current) (BC Enabled) OCS D+ D - VBUS D+ D- Port y Connector POWER (BC Enabled) OCS D+ D - VBUS D+ D- PRT_CTLy PRT_CTLx |