| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS83940DYLF bảng dữ liệu(PDF) 8 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS83940DYLF bảng dữ liệu(HTML) 8 Page - Integrated Circuit Systems |
|
8 / 15 page ![]() 83940DY www.icst.com/products/hiperclocks.html REV. B JUNE 15, 2004 8 Integrated Circuit Systems, Inc. ICS83940D LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER PARAMETER MEASUREMENT INFORMATION 2.5V OUTPUT LOAD AC TEST CIRCUIT SCOPE Qx LVCMOS 3.3V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT 2.05V±5% V DDO -1.25V±5% V DD 1.25V±5% GND 3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT SCOPE Qx LVCMOS V DD, V DDO 1.65V±5% -1.65V±5% GND DIFFERENTIAL INPUT LEVEL PART-TO-PART SKEW OUTPUT SKEW tsk(o) V DDO 2 V DDO 2 Qy Qx SCOPE Qx LVCMOS V DD, V DDO 1.25V±5% -1.25V±5% GND V CMR Cross Points V PP GND PCLK nPCLK V DD tsk(pp) V DDO 2 V DDO 2 Qy Qx PART 2 PART 1 |