công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPLDS90A bảng dữ liệu(PDF) 10 Page - OSRAM GmbH

tên linh kiện SPLDS90A
Giải thích chi tiết về linh kiện  Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLDS90A bảng dữ liệu(HTML) 10 Page - OSRAM GmbH

Back Button SPLDS90A_3 Datasheet HTML 4Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 5Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 6Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 7Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 8Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 9Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 10Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 11Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 12Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SPL DS90A_3
10 Version 1.4 | 2021-06-30
Glossary
1)
Optical power: Optical power measurements refer to an integrating sphere.
2)
Wavelength: The wavelengths are measured with a tolerance of ±1 nm.
3)
Brightness: The brightness values are measured with a tolerance of ±11%.
4)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures.
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
5)
Testing temperature: TA = 25°C (unless otherwise specified)
6)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com