| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLT5520EA_P bảng dữ liệu(PDF) 12 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
PLT5520EA_P bảng dữ liệu(HTML) 12 Page - OSRAM GmbH |
|
12 / 16 page ![]() PLT5 520EA_P 12 Version 1.4 | 2020-12-08 Notes Depending on the mode of operation, these devices emit highly concentrated visible and non visible light which can be hazardous to the human eye. Products which incorporate these devices have to follow the safety precautions given in IEC 60825-1. Subcomponents of this device contain, in addition to other substances, metal filled materials including silver. Metal filled materials can be affected by environments that contain traces of aggressive substances. There- fore, we recommend that customers minimize device exposure to aggressive substances during storage, production, and use. Devices that showed visible discoloration when tested using the described tests above did show no performance deviations within failure limits during the stated test duration. Respective failure limits are described in the IEC60810. For further application related information please visit www.osram-os.com/appnotes |