| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WL40MW1VN-R bảng dữ liệu(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
WL40MW1VN-R bảng dữ liệu(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 7 page ![]() MODEL: WL40MW1VN WL40MW1VN SPECIFICATIONS ES-9118 Rev.0 Page 5/7 http://www.m-system.co.jp/ MODBUS FUNCTION CODES & SUPPORTED CODES Modbus function codes are shown below. ■ DATA AND CONTROL FUNCTION CODE NAME 01 Read Coil Status Digital output from the slave (read/write) 02 Read Input Status Status of digital inputs to the slave (read only) 03 Read Holding Registers General purpose register within the slave (read/write) 04 Read Input Registers Collected data from the eld by the slave (read only) 05 Force Single Coil Digital output from the slave (read/write) 06 Preset Single Register General purpose register within the slave (read/write) 08 Diagnostics 15 Force Multiple Coils Digital output from the slave (read/write) 16 Preset Multiple Registers General purpose register within the slave (read/write) ■ EXCEPTION CODE CODE NAME 01 Illegal Function Function code is not allowable for the slave 02 Illegal Data Address Address is not available within the slave 03 Illegal Data Value Data is not valid for the function 04 Slave Device Failure 05 Acknowledge 06 Slave Device Busy 07 Negative Acknowledge |