| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC14CVMDECT bảng dữ liệu(PDF) 12 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SC14CVMDECT bảng dữ liệu(HTML) 12 Page - Dialog Semiconductor |
|
12 / 57 page ![]() Datasheet Revision 3.0 28-Jul-2015 CFR0011-120-00-FM Rev 5 12 of 57 © 2013 Dialog Semiconductor SC14CVMDECT SF Cordless Voice Module FINAL 3.6 VOICE COMMUNICATION An FP supports up to 64 registered PPs, where 4 of these PPs can be in a call at the same time. Multiple simultaneous calls are supported. Supported voice codec is G.726 (32 kbit/s ADPCM) and G.722 (64 kbit/s ADPCM). See Figure 5. 3.7 LIGHT DATA APPLICATION The SC14CVMDECT SF supports Low Data Rate (LDR) transmission up to 1.6 kbit/s with IWU to IWU messaging. The LDR can be used in combination with voice communication. See Figure 5. 3.8 LU10 DATA APPLICATION The SC14CVMDECT SF supports CAT-iq LU10 data transmission up to 54 kbit/s. Since LU10 data commu- nication uses the B-Field it cannot be used in combina- tion with voice communication. See Figure 6. Figure 5: Voice and LDR data communication G.726 + 1.6 kbit/s G.722 + 1.6 kbit/s SC14CVMDECT SC14CVMDECT SC14CVMDECT PP FP PP Figure 6: LU10 data application G.722 + 1.6kbit/s 54 kbit/s SC14CVMDECT SC14CVMDECT SC14CVMDECT PP FP PP |