công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA16200 bảng dữ liệu(PDF) 66 Page - Dialog Semiconductor

tên linh kiện DA16200
Giải thích chi tiết về linh kiện  Ultra Low Power Wi-Fi SoC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA16200 bảng dữ liệu(HTML) 66 Page - Dialog Semiconductor

Back Button DA16200 Datasheet HTML 62Page - Dialog Semiconductor DA16200 Datasheet HTML 63Page - Dialog Semiconductor DA16200 Datasheet HTML 64Page - Dialog Semiconductor DA16200 Datasheet HTML 65Page - Dialog Semiconductor DA16200 Datasheet HTML 66Page - Dialog Semiconductor DA16200 Datasheet HTML 67Page - Dialog Semiconductor DA16200 Datasheet HTML 68Page - Dialog Semiconductor DA16200 Datasheet HTML 69Page - Dialog Semiconductor DA16200 Datasheet HTML 70Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 94 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.3
03-Feb-2021
CFR0011-120-00
66 of 94
© 2021 Dialog Semiconductor
9.9
GPIO
All digital pads can be used as GPIO, and each GPIO port is mixed with a multi-functional interface.
The GPIO features of DA16200 are listed below:
■ Input or output lines in a programmable direction
■ Word and half word read/write access
■ Address-masked byte writes to facilitate quick bit set and clear operations
■ Address-based byte reads to facilitate quick bit test operations
■ Maskable interrupt generation based on input value change
■ Possible to be output signal of PWM[3:0], external interrupt, QSPI_CSB[3:1], RF_SW[1:0], and
UART_TXDOE[2:0] on the GPIO pins:
□ It provides special functions for GPIO pin use. PWM [3:0], external interrupt, QSPI_CSB [3:1],
RF_SW [1:0], and UART_TXDOE [2:0] signals can be output by selecting unused pins
among the GPIO pins. It is possible to select the function to be output from the GPIO register
setting and select the remaining GPIO pin without using it to output the specific function to
the desired GPIO pins
9.9.1
Antenna Switching Diversity
DA16200 provides the antenna switching diversity function for performance improvement in a multi-
path environment. A PHY block measures the RSSI of each antenna and selects the antenna with
the largest RSSI. The selected antenna is also used for transmission. To use this function, an
external switching element is required, and switching control is done through the GPIO. Two GPIOs
can be used for switching control, and for this purpose any unused pins among the GPIO pins can be
selected. The control signal can be changed by register setting to suit the external switching device.
RF Switch
DA16200
GPIO
2
ANT
Antenna1
Antenna2
Figure 45: Antenna Switching Internal Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com