| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1893AGILF bảng dữ liệu(PDF) 70 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893AGILF bảng dữ liệu(HTML) 70 Page - Integrated Circuit Systems |
|
70 / 135 page ![]() ICS1893AG, Rev A 04/14/05 April, 2005 70 Chapter 8 Management Register Set ICS1893AG Data Sheet - Preliminary Copyright © 2005, Integrated Circuit Systems, Inc. All rights reserved. 8.5.2 Manufacturer's Model Number (bits 3.9:4) The model number for the ICS1893AG is 4 (decimal). It is stored in bit 3.9:4 as 00100b. 8.5.3 Revision Number (bits 3.3:0) Table 8-10 lists the valid ICS1893AG revision numbers, which are 4-bit binary numbers stored in bits 3.3:0. Table 8-10. ICS1893AG Revision Number Decimal Bits 3.3:0 Description 1 0001 ICS First Release |