công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS1893AG bảng dữ liệu(PDF) 13 Page - Integrated Circuit Systems

tên linh kiện ICS1893AG
Giải thích chi tiết về linh kiện  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AG bảng dữ liệu(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS1893AG Datasheet HTML 9Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 10Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 11Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 12Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 13Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 14Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 15Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 16Page - Integrated Circuit Systems ICS1893AG Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 135 page
background image
Chapter 2 Conventions and Nomenclature
ICS1893AG, Rev. A 04/14/05
April, 2005
13
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
Signal references
• When referring to signals, the terms:
– ‘FALSE’, ‘low’, or ‘zero’ represent signals that are logic zero.
– ‘TRUE’, ‘high’, or ‘one’ represent signals that are logic one.
• Chapter 10, “DC and AC Operating Conditions” defines the electrical
specifications for ‘logic zero’ and ‘logic one’ signals.
Symbols
• In this data sheet, code group names are referred to as ‘symbols’ and they
are shown between '/' (slashes). For example, the symbol /J/ represents
the first half of the Start-of-Stream Delimiter (SSD1).
• Symbol sequences are shown in succession. For example, /I/J/K/
represents an IDLE followed by the SSD.
Terms:
‘set’,
‘active’,
‘asserted’,
The terms ‘set’, ‘active’, and ‘asserted’ are synonymous.
They do not necessarily infer logic one.
(For example, an active-low signal can be set to logic zero.)
Terms:
‘cleared’,
‘de-asserted’,
‘inactive’
The terms ‘cleared’, ‘inactive’, and ‘de-asserted’ are synonymous.
They do not necessarily infer logic zero.
Terms:
‘twisted-pair receiver’
In reference to the ICS1893AG, the term ‘Twisted-Pair Receiver’ refers to the
set of Twisted-Pair Receive output pins (TP_RXP and TP_RXN).
Terms:
‘twisted-pair transmitter’
In reference to the ICS1893AG, the term ‘Twisted-Pair Transmitter’ refers to
the set of Twisted-Pair Transmit output pins (TP_TXP and TP_TXN).
Table 2-1. Conventions and Nomenclature (Continued)
Item
Convention / Nomenclature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More