công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC866PZP100A bảng dữ liệu(PDF) 86 Page - NXP Semiconductors

tên linh kiện MPC866PZP100A
Giải thích chi tiết về linh kiện  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866PZP100A bảng dữ liệu(HTML) 86 Page - NXP Semiconductors

Back Button MPC866PZP100A Datasheet HTML 82Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 83Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 84Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 85Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 86Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 87Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 88Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 89Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
86
Freescale Semiconductor
Mechanical Data and Ordering Information
PA5
CLK3
L1TCLKA
BRGO2
TIN2
N18
Bidirectional
PA4
CLK4
TOUT2
P19
Bidirectional
PA3
CLK5
BRGO3
TIN3
P17
Bidirectional
PA2
CLK6
TOUT3
L1RCLKB
R18
Bidirectional
PA1
CLK7
BRGO4
TIN4
T19
Bidirectional
PA0
CLK8
TOUT4
L1TCLKB
U19
Bidirectional
PB31
SPISEL
REJECT1
C17
Bidirectional
(Optional: Open-drain)
PB30
SPICLK
RSTRT2
C19
Bidirectional
(Optional: Open-drain)
PB29
SPIMOSI
E16
Bidirectional
(Optional: Open-drain)
PB28
SPIMISO
BRGO4
D19
Bidirectional
(Optional: Open-drain)
PB27
I2CSDA
BRGO1
E19
Bidirectional
(Optional: Open-drain)
PB26
I2CSCL
BRGO2
F19
Bidirectional
(Optional: Open-drain)
Table 39. Pin Assignments (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96