công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC866PCVR100A bảng dữ liệu(PDF) 20 Page - NXP Semiconductors

tên linh kiện MPC866PCVR100A
Giải thích chi tiết về linh kiện  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866PCVR100A bảng dữ liệu(HTML) 20 Page - NXP Semiconductors

Back Button MPC866PCVR100A Datasheet HTML 16Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 17Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 18Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 19Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 20Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 21Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 22Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 23Page - NXP Semiconductors MPC866PCVR100A Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
20
Freescale Semiconductor
Bus Signal Timing
B28d CLKOUT falling edge to CS negated
GPCM write access TRLX = 0,1,
CSNT = 1, ACS = 10, or ACS = 11,
EBDF = 1 (MAX = 0.375 x B1 + 6.6)
—
18.00
—
18.00
—
14.30
—
12.30
ns
B29
WE(0:3) negated to D(0:31), DP(0:3)
High-Z GPCM write access, CSNT = 0,
EBDF = 0 (MIN = 0.25 x B1 - 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
B29a WE(0:3) negated to D(0:31), DP(0:3)
High-Z GPCM write access, TRLX = 0,
CSNT = 1, EBDF = 0 (MIN = 0.50 x B1
– 2.00)
13.20
—
10.50
—
8.00
—
5.60
—
ns
B29b CS negated to D(0:31), DP(0:3), High
Z GPCM write access, ACS = 00,
TRLX = 0,1 & CSNT = 0 (MIN = 0.25 x
B1– 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
B29c CS negated to D(0:31), DP(0:3) High-Z
GPCM write access, TRLX = 0, CSNT
= 1, ACS = 10, or ACS = 11, EBDF = 0
(MIN = 0.50 x B1 – 2.00)
13.20
—
10.50
—
8.00
—
5.60
—
ns
B29d WE(0:3) negated to D(0:31), DP(0:3)
High-Z GPCM write access, TRLX = 1,
CSNT = 1, EBDF = 0 (MIN = 1.50 x B1
– 2.00)
43.50
—
35.50
—
28.00
—
20.70
—
ns
B29e CS negated to D(0:31), DP(0:3) High-Z
GPCM write access, TRLX = 1, CSNT
= 1, ACS = 10, or ACS = 11, EBDF = 0
(MIN = 1.50 x B1 – 2.00)
43.50
—
35.50
—
28.00
—
20.70
—
ns
B29f WE(0:3) negated to D(0:31), DP(0:3)
High Z GPCM write access, TRLX = 0,
CSNT = 1, EBDF = 1 (MIN = 0.375 x
B1 – 6.30)
5.00
—
3.00
—
1.10
—
0.00
—
ns
B29g CS negated to D(0:31), DP(0:3) High-Z
GPCM write access, TRLX = 0, CSNT
= 1 ACS = 10 or ACS = 11, EBDF = 1
(MIN = 0.375 x B1 – 6.30)
5.00
—
3.00
—
1.10
—
0.00
—
ns
B29h WE(0:3) negated to D(0:31), DP(0:3)
High Z GPCM write access, TRLX = 1,
CSNT = 1, EBDF = 1 (MIN = 0.375 x
B1 – 3.30)
38.40
—
31.10
—
24.20
—
17.50
—
ns
B29i CS negated to D(0:31), DP(0:3) High-Z
GPCM write access, TRLX = 1, CSNT
= 1, ACS = 10 or ACS = 11, EBDF = 1
(MIN = 0.375 x B1 – 3.30)
38.40
—
31.10
—
24.20
—
17.50
—
ns
Table 9. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com