công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC866P bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện MPC866P
Giải thích chi tiết về linh kiện  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866P bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button MPC866P Datasheet HTML 6Page - NXP Semiconductors MPC866P Datasheet HTML 7Page - NXP Semiconductors MPC866P Datasheet HTML 8Page - NXP Semiconductors MPC866P Datasheet HTML 9Page - NXP Semiconductors MPC866P Datasheet HTML 10Page - NXP Semiconductors MPC866P Datasheet HTML 11Page - NXP Semiconductors MPC866P Datasheet HTML 12Page - NXP Semiconductors MPC866P Datasheet HTML 13Page - NXP Semiconductors MPC866P Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
10
Freescale Semiconductor
Power Dissipation
5
Power Dissipation
Table 5 shows power dissipation information. The modes are 1:1, where CPU and bus speeds are equal, and 2:1
mode, where CPU frequency is twice the bus speed.
6
DC Characteristics
Table 6 shows the DC electrical characteristics for the MPC866/859.
Table 5. Power Dissipation (PD)
Die Revision
Bus Mode
CPU
Frequency
Typical 1
1
Typical power dissipation at VDDL and VDDSYN is at 1.8 V. and VDDH is at 3.3 V.
Maximum 2
2
Maximum power dissipation at VDDL and VDDSYN is at 1.9 V, and VDDH is at 3.465 V.
NOTE
Values in Table 5 represent VDDL based power dissipation and
do not include I/O power dissipation over VDDH. I/O power
dissipation varies widely by application due to buffer current,
depending on external circuitry. The VDDSYN power
dissipation is negligible.
Unit
0
1:1
50 MHz
110
140
mW
66 MHz
150
180
mW
2:1
66 MHz
140
160
mW
80 MHz
170
200
mW
100 MHz
210
250
mW
133 MHz
260
320
mW
Table 6. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Operating voltage
VDDL (core)
1.7
1.9
V
VDDH (I/O)
3.135
3.465
V
VDDSYN 1
1.7
1.9
V
Difference between
VDDL to VDDSYN
—
100
mV
Input high voltage (all inputs except EXTAL and
EXTCLK) 2
VIH
2.0
3.465
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com