công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA7281-00FVC bảng dữ liệu(PDF) 1 Page - Dialog Semiconductor

tên linh kiện DA7281-00FVC
Giải thích chi tiết về linh kiện  LRA/ERM Haptic Driver with Multiple I짼C Addresses, Integrated Waveform Memory, and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7281-00FVC bảng dữ liệu(HTML) 1 Page - Dialog Semiconductor

  DA7281-00FVC Datasheet HTML 1Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 2Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 3Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 4Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 5Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 6Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 7Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 8Page - Dialog Semiconductor DA7281-00FVC Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
DA7281
LRA/ERM Haptic Driver with Multiple I²C Addresses,
Integrated Waveform Memory, and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
1 of 76
© 2019 Dialog Semiconductor
General Description
DA7281 is a linear resonant actuator (LRA) and eccentric rotating mass (ERM) haptic driver offering
automatic closed-loop LRA resonant frequency tracking. The feature guarantees consistency across
LRA production tolerances, operating temperature, aging, and mechanical coupling. DA7281 offers
wideband operation that fully utilizes the capabilities of newer wideband and multi-directional LRAs.
The differential output drive architecture and continuous actuator motion sensing enable efficient,
calibration-free playback and minimize software complexity. Featuring wake-up on General Purpose
Input (GPI) sequence trigger and/or I2C activity, DA7281 automatically returns to a low quiescent
current state (typically 0.36 µA) between playbacks. At only 20 % of the idle current of the nearest
alternative solution, DA7281 significantly extends battery life in mobile systems.
To reduce system complexity, an integrated Waveform Memory allows haptic sequences to be pre-
loaded to DA7281. Independent sequences can be triggered, with low-latency (0.75 ms), by the GPI
pin without host interaction. Haptic sequences can also be streamed to DA7281 from an external
source via I2C or pulse width modulated (PWM) signal.
DA7281 actively monitors the back electromotive force (BEMF) while continuously driving and
applies closed-loop Active Acceleration and Rapid Stopping for sharper clicks and a higher fidelity
user experience. This offers significant advantages over existing solutions that need to move into a
high-impedance state during drive to measure the BEMF, which adds a considerable amount of
inactive time to the sequence and lowers the effective click strength for a given LRA.
Key Features
■ LRA or ERM drive capability
■ Automatic LRA resonant frequency tracking
■ Wideband LRA support
■ I2C and PWM input streaming
■ Low latency (0.75 ms) I2C/GPI wake-up
from low power consumption IDLE state,
IQ = 0.36 µA
■ Ultra-low latency (0.15 ms) wake-up from
STANDBY state, IQ = 0.8 mA
■ GPI pin for triggering of up to two independent
haptic sequences
■ On-board Waveform Memory with amplitude,
time, and frequency control
■ Active Acceleration and Rapid Stop
technology for high-fidelity haptic feedback
■ Actuator diagnostics and fault handling
■ Up to four I2C addresses via two address pins
■ No software requirements with embedded
operation
■ Differential PWM output drive
■ Current driven system to deliver constant
actuator power
■ Configurable EMI suppression
■ Automatic short circuit protection
■ Ultra-low power consumption, IQ = 0.36 µA,
with state retention in IDLE state
■ Supply monitoring, reporting, and automatic
output limiting
■ Open- and closed-loop modes
■ Custom wave drive support
■ Small solution footprint requiring only one
decoupling capacitor in both WLCSP and QFN
Applications
■ Smartphones, wearables, and hearables
■ Computer peripherals
■ Gaming
■ Automotive and industrial
■ Virtual and augmented reality controllers
References
Battery
Monitor
Over-
Temperature
Protection
VDDIO
SCL
SDA
GND
nIRQ
ADDR_0
ADDR_1
GPI/PWM
DA7281
VDD
OUTP
OUTN
LRA/
ERM
ERC Driver
ERC Driver
Short Circuit
Protection
BEMF Sensing and
Actuator Diagnostics
I
2C
Resonant
Frequency
Tracking,
Active
Acceleration,
Rapid Stop,
and
Waveform
Memory


Số phần tương tự - DA7281-00FVC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
DA7281-00FVC RENESAS-DA7281-00FVC Datasheet
1Mb / 88P
LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
10-Feb-2022
More results

Mô tả tương tự - DA7281-00FVC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV2603ERM TI1-DRV2603ERM Datasheet
1Mb / 28P
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
Automotive Haptic Driver for LRA and ERM
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
HAPTIC DRIVER FOR ERM AND LRA
Rev 2.0
logo
Dialog Semiconductor
DA7280 DIALOG-DA7280 Datasheet
1Mb / 76P
LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
DA7280 RENESAS-DA7280 Datasheet
1Mb / 85P
LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
02-Mar-2022
DA7281 RENESAS-DA7281 Datasheet
1Mb / 88P
LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
10-Feb-2022
DA7282 RENESAS-DA7282 Datasheet
1Mb / 88P
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com