| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DA14AVDDECT bảng dữ liệu(PDF) 10 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
DA14AVDDECT bảng dữ liệu(HTML) 10 Page - Dialog Semiconductor |
|
10 / 25 page ![]() DA14AVDDECT SF01 DA14AVDDECT SF01 Datasheet Datasheet Revision 2.1 02-Jun-2020 CFR0011-120-00 10 of 25 © 2020 Dialog Semiconductor Pin No. Pin Name Type (Table 2) Drive (mA) Reset State Description L9 P0.6 DIO 4/8 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. L10 P0.7 DIO 4/8 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. K2 P0.12 DIO 4/8 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. H6 P0.13 DIO 4/8 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. K10 P1.0 DIO 4/8/12 /16 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. H11 P1.1 DIO 4/8/12 /16 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. J10 P1.2 DIO 4/8/12 /16 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. H10 P1.3 DIO 4/8/12 /16 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. F11 P1.4 DIO 4/8/12 /16 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. H9 P1.5 DIO 4/8/12 /16 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. G10 P1.6 DIO 4/8 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. E10 P1.7 DIO 4/8 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. D10 P1.8 DIO 4/8 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. K9 P1.9 DIO 4/8 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. J11 P1.10 DIO 4/8 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. J9 P1.11 DIO 4/8 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. L11 P1.12 DIO 4/8 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. F8 P2.0 DIO 4/8 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. G11 P2.1 DIO 4/8 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. G8 P2.2 DIO 4/8 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. E9 P2.3 DIO 4/8 I_PD INPUT/OUTPUT with a selectable pull up/down resistor. Ground and No Connects |