| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WF5025MLB bảng dữ liệu(PDF) 13 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
WF5025MLB bảng dữ liệu(HTML) 13 Page - Nippon Precision Circuits Inc |
|
13 / 16 page ![]() WF5025 series NIPPON PRECISION CIRCUITS INC.—13 FUNCTIONAL DESCRIPTION Standby Function When INHN goes LOW, the oscillator stops and the oscillator output on Q becomes high impedance. Power-save Pull-up Resistor The INHN pull-up resistance changes in response to the input level (HIGH or LOW). When INHN goes LOW (standby state), the pull-up resistance becomes large to reduce the current consumption during standby. Version INHN Q Oscillator WF5025AL × HIGH (or open) Any fO, fO/2, fO/4, fO/8, fO/16 or fO/32 output frequency Normal operation WF5025BL1, ML × fO WF5025AL ×, BL1, ML× LOW High impedance Stopped |