công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICSSSTV32852YHT bảng dữ liệu(PDF) 7 Page - Integrated Circuit Systems

tên linh kiện ICSSSTV32852YHT
Giải thích chi tiết về linh kiện  DDR 24-Bit to 48-Bit Registered Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSSSTV32852YHT bảng dữ liệu(HTML) 7 Page - Integrated Circuit Systems

  ICSSSTV32852YHT Datasheet HTML 1Page - Integrated Circuit Systems ICSSSTV32852YHT Datasheet HTML 2Page - Integrated Circuit Systems ICSSSTV32852YHT Datasheet HTML 3Page - Integrated Circuit Systems ICSSSTV32852YHT Datasheet HTML 4Page - Integrated Circuit Systems ICSSSTV32852YHT Datasheet HTML 5Page - Integrated Circuit Systems ICSSSTV32852YHT Datasheet HTML 6Page - Integrated Circuit Systems ICSSSTV32852YHT Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
ICSSSTV32852
0513F—05/13/03
D
E
T Min/Max
e
HORIZ
VERT
TOTAL
d
h Min/Max
b
c
16.00 Bsc
5.50 Bsc
1.30/1.50
0.80 Bsc
6
19
114
0.46
0.31/0.41
0.80
0.75
10-0055
ALL DIMENSIONS IN MILLIMETERS
REF. DIMENSIONS
----- BALL GRID -----
Ordering Information
ICSSSTV32852yHT
Designation for tape and reel packaging
Package Type
H = BGA
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
Example:
ICS XXXX y H - T



Html Pages

1 2 3 4 5 6 7