công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DASUTCCXXX bảng dữ liệu(PDF) 18 Page - Pulse A Technitrol Company

tên linh kiện DASUTCCXXX
Giải thích chi tiết về linh kiện  UltraThin, clear radome antenna for iDAS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULSE [Pulse A Technitrol Company]
Trang chủ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASUTCCXXX bảng dữ liệu(HTML) 18 Page - Pulse A Technitrol Company

Back Button DASUTCCXXX Datasheet HTML 13Page - Pulse A Technitrol Company DASUTCCXXX Datasheet HTML 14Page - Pulse A Technitrol Company DASUTCCXXX Datasheet HTML 15Page - Pulse A Technitrol Company DASUTCCXXX Datasheet HTML 16Page - Pulse A Technitrol Company DASUTCCXXX Datasheet HTML 17Page - Pulse A Technitrol Company DASUTCCXXX Datasheet HTML 18Page - Pulse A Technitrol Company DASUTCCXXX Datasheet HTML 19Page - Pulse A Technitrol Company DASUTCCXXX Datasheet HTML 20Page - Pulse A Technitrol Company DASUTCCXXX Datasheet HTML 21Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Issue:1836
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: UltraThin, clear radome
antenna for iDAS
PART NUMBER: DASUTCCxxx
Series: CLARITY
18
PACKAGING
Pulse Part Number
Reflector
Carton
Pallet
DASUTCCR500NF
Included
7 Antennas and 7 DASUTCCACC1
packed in a master carton
1 label on each box with quantity,
part number, date code.
6 cartons (42 Antennas and 42
DASUTCCACC1) stack on 1 pallet by air
8 cartons (56 Antennas and 56
DASUTCCACC1) stack on 1 pallet by sea
DASUTCCR500MD
Included
DASUTCCR5004310
Included
By Air
H=1.37m <1.5m
1 pallet = 6 Cartons
= 42 Antennas + 42
DASUTCCACC1
By Sea
H=1.77m <1.8m
1 pallet = 8 Cartons
= 56 Antennas + 56
DASUTCCACC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com