| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IXSX40N60CD1 bảng dữ liệu(PDF) 2 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXSX40N60CD1 bảng dữ liệu(HTML) 2 Page - IXYS Corporation |
|
2 / 2 page ![]() 2 - 2 © 2000 IXYS All rights reserved IXSK 40N60CD1 IXSX 40N60CD1 Symbol Test Conditions Characteristic Values (T J = 25°C, unless otherwise specified) min. typ. max. g fs I C = I C90; VCE = 10 V, 16 23 S Pulse test, t £ 300 ms, duty cycle £ 2 % C iss 3700 pF C oss V GS = 0 V, VDS = 25 V, f = 1 MHz 440 pF C rss 60 pF Q g 190 nC Q ge I C = IC90, VGE = 15 V, VCE = 0.5 VCES 45 nC Q gc 88 nC t d(on) 50 ns t ri 50 ns t d(off) 70 140 ns t fi 70 120 ns E off 1.0 1.7 mJ t d(on) 50 ns t ri 50 ns E on 2.2 mJ t d(off) 140 ns t fi 140 ns E off 1.7 mJ R thJC 0.48 K/W R thCK 0.15 K/W Reverse Diode (FRED) Characteristic Values (T J = 25°C, unless otherwise specified) Symbol Test Conditions min. typ. max. V F I F = IC90, VGE = 0 V, 1.8 V Pulse test, t £ 300 ms, duty cycle d £ 2 % I RM I F = IC90, VGE = 0 V, -diF/dt = 100 A/ms 2 2.5 A t rr V R = 100 V I F = 1 A; -di/dt = 200 A/ms; VR = 30 V 35 ns R thJC 0.75 K/W Inductive load, T J = 25°C I C = IC90, VGE = 15 V, L = 100 mH, V CE = 0.8 VCES, RG = 2.7 W Remarks: Switching times may increase for V CE (Clamp) > 0.8 • VCES, higher TJ or increased R G Inductive load, T J = 125°C I C = IC90, VGE = 15 V, L = 100 mH V CE = 0.8 VCES, RG = 2.7 W Remarks: Switching times may increase for V CE (Clamp) > 0.8 • VCES, higher TJ or increased R G Millimeter Inches Min. Max. Min. Max. A 4.82 5.13 .190 .202 A1 2.54 2.89 .100 .114 A2 2.00 2.10 .079 .083 b 1.12 1.42 .044 .056 b1 2.39 2.69 .094 .106 b2 2.90 3.09 .114 .122 c 0.53 0.83 .021 .033 D 25.91 26.16 1.020 1.030 E 19.81 19.96 .780 .786 e 5.46 BSC .215 BSC J 0.00 0.25 .000 .010 K 0.00 0.25 .000 .010 L 20.32 20.83 .800 .820 L1 2.29 2.59 .090 .102 P 3.17 3.66 .125 .144 Q 6.07 6.27 .239 .247 Q1 8.38 8.69 .330 .342 R 3.81 4.32 .150 .170 R1 1.78 2.29 .070 .090 S 6.04 6.30 .238 .248 T 1.57 1.83 .062 .072 Dim. TO-264 AA Outline PLUS247TM (IXSX) Dim. Millimeter Inches Min. Max. Min. Max. A 4.83 5.21 .190 .205 A 1 2.29 2.54 .090 .100 A 2 1.91 2.16 .075 .085 b 1.14 1.40 .045 .055 b 1 1.91 2.13 .075 .084 b 2 2.92 3.12 .115 .123 C 0.61 0.80 .024 .031 D 20.80 21.34 .819 .840 E 15.75 16.13 .620 .635 e 5.45 BSC .215 BSC L 19.81 20.32 .780 .800 L1 3.81 4.32 .150 .170 Q 5.59 6.20 .220 .244 R 4.32 4.83 .170 .190 IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 |