công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX9850EVCMOD2 bảng dữ liệu(PDF) 13 Page - Maxim Integrated Products

tên linh kiện MAX9850EVCMOD2
Giải thích chi tiết về linh kiện  On-Board 12MHz Crystal Oscillator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9850EVCMOD2 bảng dữ liệu(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9850EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 10Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 11Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 12Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 13Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 14Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 15Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 16Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Address Selection
Jumper JU1 sets the MAX9850 I2C slave address. The
default address is 0010 000Y (ADD = GND). See Table
1 for a complete list of addresses.
Note: The first 7 bits shown are the address. Y (bit 0) is
the I2C read/write bit. This bit is a 1 for a read operation
or a 0 for a write.
Manual Headphone Sense Control
To simulate a pair of headphones being inserted into
the headphone jack J8, remove the shunt from jumper
JU2. Connect the load to the LEFT, RIGHT, and GND
pads located by the headphone jack J8. See Table 2
for jumper settings.
MAX9850 Evaluation System/Evaluation Kit
______________________________________________________________________________________
13
Figure 13. The above example shows a simple SMBusWriteByte operation using the included Two-Wire Interface Diagnostics. In this
example, the software is writing data (0x00h) to Device Address 0x20h, Register Address 0x02h. The above data sequence will set
the volume of the MAX9850 to max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23