| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC14WAMDECT bảng dữ liệu(PDF) 7 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SC14WAMDECT bảng dữ liệu(HTML) 7 Page - Dialog Semiconductor |
|
7 / 36 page ![]() Datasheet Revision 3.0 23-Jul-2015 CFR0011-120-00-FM Rev 5 7 of 36 © 2013 Dialog Semiconductor SC14WAMDECT SF Wireless Audio Module FINAL 2.0 Introduction 2.1 SCOPE The SC14WAMDECT SF module can be configured for various audio applications. A Public Address System has two portable parts (PP) each with a microphone and one fixed part (FP) configured as a receiver and integrated into a loudspeaker. Another application is a Tour Guide System, where one microphone is the FP which broadcasts to up to 128 (PP) receivers with an integrated loudspeaker or with a headset connected. 2.2 REFERENCES 1. AN-D-218, SC14WAMDECT External antenna design guidelines, Application note, Dialog Sem- iconductor. 2. AN-D-223, SC14WAMDECT production pairing, Application Note, Dialog Semiconductor. 3. FpApiProject.pdf, Specification for interface between FpApiProject and Host in WAM project, Dialog Semiconductor. 4. PpApiProject.pdf, Specification for interface between PpApiProject and Host in WAM project, Dialog Semiconductor. 2.3 GLOSSARY AND DEFINITIONS DECT Digital Enhanced Cordless Telephone ESD Electro Static Discharge FAD Fast Antenna Diversity FP Fixed Part; the microphone for the TG system or the speaker for the PA sys- tem. GFSK Gaussian Frequency Shift Keying HW Hardware IPEI International Portable Equipment Iden- tity (refer to ETSI EN 300 175-6) MMI Man Machine Interface NC Not Connected PA Public Address (System) PCB Printed Circuit Board (without compo- nents) PP Portable Part; the microphone for the PA system or the speaker for the TG system. RF Radio Frequency RFPI Radio Fixed Part Identity (refer to ETSI EN 300 175-6) RSSI Radio Signal Strength Indication (please refer to ETSI EN 300 175-1) SOC State Of Charge SW Software TG Tour Guide (System) VES Virtual EEPROM Storage WAM Wireless Audio Module |