công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL701-10DI bảng dữ liệu(PDF) 4 Page - PhaseLink Corporation

tên linh kiện PLL701-10DI
Giải thích chi tiết về linh kiện  Low EMI Spread Spectrum Multiplier IC (in Die or Package)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PLL [PhaseLink Corporation]
Trang chủ  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-10DI bảng dữ liệu(HTML) 4 Page - PhaseLink Corporation

  PLL701-10DI Datasheet HTML 1Page - PhaseLink Corporation PLL701-10DI Datasheet HTML 2Page - PhaseLink Corporation PLL701-10DI Datasheet HTML 3Page - PhaseLink Corporation PLL701-10DI Datasheet HTML 4Page - PhaseLink Corporation PLL701-10DI Datasheet HTML 5Page - PhaseLink Corporation PLL701-10DI Datasheet HTML 6Page - PhaseLink Corporation PLL701-10DI Datasheet HTML 7Page - PhaseLink Corporation PLL701-10DI Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PLL701-10
Low EMI Spread Spectrum Multiplier IC (in Die or Package)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 4
FUNCTIONAL DESCRIPTION
Selectable spread spectrum and modulation rates
The PLL701-10 provides selectable multiplier factors (1x to 8X), selectable spread spectrum modulation, as well as
selectable modulation rate. Selection is made by connecting specific input pins to a logical “zero” or “one”. Pins 6
(SC0), 7 (SC1), 8 (SC2) and 12 (SC3) are used as inputs to select the spread spectrum modulation as shown on
the spread spectrum selection table (page 2). Pins 3 (M2), 4 (M1), 5 (M0) are used as inputs to select the output
frequency as shown on the output clock selection table (page 1). Pin 11 is the output enable pin, that tri-states all
outputs when low (logical “zero”).
In order to reduce the number of pins on the chip, the PLL701-10 uses pin 2 and 14 (XOUT/SD0 and REF/SD1) as
a bi-directional pin. The pins serve as modulation rate selector inputs (SD0 and SD1) upon power-up (see
modulation rate table on page 1), and as XOUT crystal connection (pin 2), and REF output signal (pin 14) as soon
as the inputs have been latched.
Connecting a selection pin to a logical “one”
All selection pins have an internal pull-up resistor (30k
Ω for pins 3, 4, 5, 6, 7, 8, 11, 12, 14 and 120kΩ for pin 2).
This internal pull-up resistor will pull the input value to a logical “one” (pull-up) by default, i.e. when no resistive
load is connected between the pin and GND. No external pull-up resistor is therefore required for connecting a
logical “one” upon power-up.
Connecting a selection pin to a logical “zero”
For an input only pin, i.e. all input pins except XOUT/SD0 (pin 2) and REF/SD1 (pin 14), the pin simply needs to be
grounded to pull the input down to a logical “zero”. Connecting the bi-directional pins (SD0 and SD1) to a logical
“zero” will however require the use of an external loading resistor between the pin and GND that has to be
sufficiently small (compared to the internal pull-up resistor) so that the pin voltage be pulled below 0.8V (logical
“zero”). In order to avoid loading effects when the pin serves as output, the value of the external pull-down resistor
should however be kept as large as possible. In general, it is recommended to use an external resistor of around
Rup/4 (e.g. 27k
Ω for pin 2 and 4.7kΩ for pin 14, see Application Diagram).
APPLICATION DIAGRAM FOR OUTPUT AND MODULATION SELECTION
Latch
Power Up
Reset
Jumper
options
R
up/4
Clock Load
SD0 or
SC0~SC2
XIN
EN
VDD
R
up
Bi-directional pin
R
RB
NOTE: Rup=120k
Ω for SD0 (Pin2); and Rup=30kΩ for SD1(Pin 14). R starts from 1 to 0 while RB starts from 0 to 1.
Internal to chip
External Circuitry



Html Pages

1 2 3 4 5 6 7 8