| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8536AT bảng dữ liệu(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT bảng dữ liệu(HTML) 46 Page - NXP Semiconductors |
|
46 / 51 page ![]() NXP Semiconductors PCF8551 Universal 36 × 4 LCD segment driver 22 Abbreviations Acronym Description CDM Charged-Device Model DC Direct Current EMC ElectroMagnetic Compatibility ESD ElectroStatic Discharge HBM Human Body Model I2C Inter-Integrated Circuit bus IC Integrated Circuit LCD Liquid Crystal Display LSB Least Significant Bit MSB Most Significant Bit MSL Moisture Sensitivity Level MUX Multiplexer PCB Printed-Circuit Board POR Power-On Reset RC Resistance-Capacitance RMS Root Mean Square SCL Serial CLock line SDA Serial DAta line SMD Surface-Mount Device SPI Serial Peripheral Interface Table 24. Abbreviations 23 References [1] JESD22-A114 Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM) [2] JESD22-C101 Field-Induced Charged-Device Model Test Method for Electrostatic- Discharge-Withstand Thresholds of Microelectronic Components [3] JESD78 IC Latch-Up Test [4] SOT362-1_118 TSSOP48; Reel pack; SMD, 13", packing information [5] UM10204 I2C-bus specification and user manual [6] UM10569 Store and transport requirements PCF8551 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 3.1 — 3 May 2021 46 / 51 |