| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8553DTT/AJ bảng dữ liệu(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8553DTT/AJ bảng dữ liệu(HTML) 44 Page - NXP Semiconductors |
|
44 / 51 page ![]() NXP Semiconductors PCF8553 40 × 4 LCD segment driver 21 Appendix 21.1 LCD segment driver selection Number of elements at MUX Type name 1:1 1:2 1:3 1:4 1:6 1:8 1:9 VDD (V) VLCD (V) ffr (Hz) VLCD (V) charge pump VLCD (V) temperature compensat. Tamb (°C) Interface Package AEC- Q100 PCA8553DTT 40 80 120 160 - - - 1.8 to 5.5 1.8 to 5.5 32 to 256[1] N N -40 to 105 I2C / SPI TSSOP56 Y PCA8546ATT - - - 176 - - - 1.8 to 5.5 2.5 to 9 60 to 300[1] N N -40 to 95 I2C TSSOP56 Y PCA8546BTT - - - 176 - - - 1.8 to 5.5 2.5 to 9 60 to 300[1] N N -40 to 95 SPI TSSOP56 Y PCA8547AHT 44 88 - 176 - - - 1.8 to 5.5 2.5 to 9 60 to 300[1] Y Y -40 to 95 I2C TQFP64 Y PCA8547BHT 44 88 - 176 - - - 1.8 to 5.5 2.5 to 9 60 to 300[1] Y Y -40 to 95 SPI TQFP64 Y PCF85134HL 60 120 180 240 - - - 1.8 to 5.5 2.5 to 6.5 82 N N -40 to 85 I2C LQFP80 N PCA85134H 60 120 180 240 - - - 1.8 to 5.5 2.5 to 8 82 N N -40 to 95 I2C LQFP80 Y PCA8543AHL 60 120 - 240 - - - 2.5 to 5.5 2.5 to 9 60 to 300[1] Y Y -40 to 105 I2C LQFP80 Y PCF8545ATT - - - 176 252 320 - 1.8 to 5.5 2.5 to 5.5 60 to 300[1] N N -40 to 85 I2C TSSOP56 N PCF8545BTT - - - 176 252 320 - 1.8 to 5.5 2.5 to 5.5 60 to 300[1] N N -40 to 85 SPI TSSOP56 N PCF8536AT - - - 176 252 320 - 1.8 to 5.5 2.5 to 9 60 to 300[1] N N -40 to 85 I2C TSSOP56 N PCF8536BT - - - 176 252 320 - 1.8 to 5.5 2.5 to 9 60 to 300[1] N N -40 to 85 SPI TSSOP56 N PCA8536AT - - - 176 252 320 - 1.8 to 5.5 2.5 to 9 60 to 300[1] N N -40 to 95 I2C TSSOP56 Y PCA8536BT - - - 176 252 320 - 1.8 to 5.5 2.5 to 9 60 to 300[1] N N -40 to 95 SPI TSSOP56 Y PCF8537AH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[1] Y Y -40 to 85 I2C TQFP64 N PCF8537BH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[1] Y Y -40 to 85 SPI TQFP64 N PCA8537AH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[1] Y Y -40 to 95 I2C TQFP64 Y PCA8537BH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[1] Y Y -40 to 95 SPI TQFP64 Y PCA9620H 60 120 - 240 320 480 - 2.5 to 5.5 2.5 to 9 60 to 300[1] Y Y -40 to 105 I2C LQFP80 Y PCA9620U 60 120 - 240 320 480 - 2.5 to 5.5 2.5 to 9 60 to 300[1] Y Y -40 to 105 I2C Bare die Y PCF8576DU 40 80 120 160 - - - 1.8 to 5.5 2.5 to 6.5 77 N N -40 to 85 I2C Bare die N Table 23. Selection of LCD segment drivers PCF8553 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 4 — 20 April 2021 44 / 51 |