| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8551ATT/A bảng dữ liệu(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8551ATT/A bảng dữ liệu(HTML) 26 Page - NXP Semiconductors |
|
26 / 51 page ![]() NXP Semiconductors PCF8551 Universal 36 × 4 LCD segment driver SCL SDA ACK ACK S P aaa-010489 SCL SDA bit7 bit0 ACK ACK S START condition STOP condition P ACK of 1st byte from slave ACK of 2nd byte from slave I2C read example I2C write example bit7 bit0 1st byte, slave address with R/W = 0 write 2nd byte START condition STOP condition 1st byte, slave address with R/W = 1 ACK of 1st byte from slave ACK of 2nd byte from slave bit7 bit0 bit7 bit0 read 2nd byte Figure 18. I2C read and write signaling 10.1.1 Bit transfer One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period of the clock pulse, as changes in the data line at this time are interpreted as STOP or START conditions. 10.1.2 START and STOP conditions A HIGH-to-LOW transition of the data line while the clock is HIGH is defined as the START condition - S. A LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the STOP condition - P (see Figure 18). 10.1.3 Acknowledge Each byte of 8 bits is followed by an acknowledge cycle. An acknowledge is defined as logic 0. A not-acknowledge is defined as logic 1. When written to, the slave will generate an acknowledge after the reception of each byte. After the acknowledge, another byte may be transmitted. It is also possible to send a STOP or START condition. When read from, the master receiver must generate an acknowledge after the reception of each byte. When the master receiver no longer requires bytes to be transmitted, it must generate a not-acknowledge. After the not-acknowledge, either a STOP or START condition must be sent. Remark: The PCF8551A omits the not-acknowledge. After the last byte read, the end of transmission is indicated by a STOP or START condition from the master. A detailed description of the I2C-bus specification is given in [5]. PCF8551 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 3.1 — 3 May 2021 26 / 51 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |