| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL701-05SC bảng dữ liệu(PDF) 5 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL701-05SC bảng dữ liệu(HTML) 5 Page - PhaseLink Corporation |
|
5 / 5 page ![]() Preliminary PLL701-05 Low EMI Spread Spectrum Multiplier Clock 47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 Rev 09/26/02 Page 5 PACKAGE INFORMATION ORDERING INFORMATION PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation. For part ordering, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991 PART NUMBER The order number for this device is a combination of the following: Device number, Package type and Operating temperature range PLL701-05 S C PART NUMBER TEMPERATURATURE C=COMMERCIAL M=MILITARY I=INDUSTRAL PACKAGE TYPE S=SOIC C L A 8 PIN Narrow SOIC ( mm ) SOIC Symbol Min. Max. A 1.47 1.73 A1 0.10 0.25 B 0.33 0.51 C 0.19 0.25 D 4.80 4.95 E 3.80 4.00 H 5.80 6.20 L 0.38 1.27 e 1.27 BSC E H D A1 e B |