| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL702-06SCL bảng dữ liệu(PDF) 8 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL702-06SCL bảng dữ liệu(HTML) 8 Page - PhaseLink Corporation |
|
8 / 8 page ![]() PLL702-06 Clock Generator for Printer Applications 47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 Rev 10/26/05 Page 8 PACKAGE INFORMATION C L A 16 PIN Narrow SOIC ( mm ) E H D A1 e B SOIC Symbol Min. Max. A A1 B C D E H L e 1.27 BSC 1.35 0.10 0.33 0.19 9.80 3.80 5.80 0.40 1.75 0.25 0.51 0.25 10.00 4.00 6.20 1.27 ORDERING INFORMATION PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation. For part ordering, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991 PART NUMBER The order number for this device is a combination of the following: Device number, Package type and Operating temperature range PLL702-06 X X X X Part / Order Number Marking Package Option Temperature PLL702-06SC-R P702-06SC SOP -Tape and Reel 0 to +70゚C PLL702-06SC P702-06SC SOP -Tubes 0 to +70゚C PLL702-06SCL-R P702-06SCL SOP -Tape and Reel Green 0 to +70゚C PLL702-06SCL P702-06SCL SOP –Tubes Green 0 to +70゚C PART NUMBER TEMPERATURE C=COMMERCIAL PACKAGE TYPE S=SOP NONE= NORMAL PACKAGE L= GREEN PACKAGE NONE= TUBE R= TAPE AND REEL |