| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OMT550-R200-IEP-IO-V1 bảng dữ liệu(PDF) 5 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
OMT550-R200-IEP-IO-V1 bảng dữ liệu(HTML) 5 Page - Pepperl+Fuchs Inc. |
|
5 / 5 page ![]() Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com Distance sensor OMT550-R200-IEP-IO-V1 5 Setting different operating modes via the IO-Link interface The devices are equipped with an IO-Link interface as standard for diagnostics and parameterization tasks to ensure optimum adjustment of the sensors to the relevant application. Single point mode operating mode (one switch point): • "Detection of objects irrespective of type and color in a defined detection range. Objects in the background are suppressed. • "The switch point corresponds exactly to the set point. Window mode operating mode (two switch points): • Detection of objects irrespective of type and color in a defined detection range. Reliable detection when object leaves the detection range. • Window mode with two switch points. Center window mode operating mode (one switch point): • Detection of objects irrespective of type and color in a defined detection range. Sets a defined window around a given object. Objects outside this window are not detected. • Window mode with one switch point. Two point mode operating mode (hysteresis operating mode): • Detection of objects irrespective of type and color between a defined switch-on and switch-off point. Inactive operating mode: • Evaluation of switching signals is deactivated. The associated IODD device description file can be found in the download area at www.pepperl-fuchs.com. 0 BA Analog value Distance Max. distance Min. distance Falling slope (A > B) No measurement data Configuration via IO-Link interface active detection range Background suppression active detection range Background suppression Foreground suppression active detection range Background suppression Foreground suppression active detection range Hysteresis Output Output |