| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL103-11SC bảng dữ liệu(PDF) 4 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL103-11SC bảng dữ liệu(HTML) 4 Page - PhaseLink Corporation |
|
4 / 7 page ![]() PLL103-11 Low Skew Buffers 47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 Rev 11/07/00 Page 4 2. BYTE 1: SDRAM(6:11) Clock Register (1=Enable, 0=Disable) Bit Pin# Default Description Bit 7 27 1 SDRAM11 (Active/Inactive) Bit 6 26 1 SDRAM10 (Active/Inactive) Bit 5 23 1 SDRAM9 (Active/Inactive) Bit 4 22 1 SDRAM8 (Active/Inactive) Bit 3 - 1 Reserved Bit 2 - 1 Reserved Bit 1 19 1 SDRAM7 (Active/Inactive) Bit 0 18 1 SDRAM6 (Active/Inactive) 3. BYTE 2: SDRAM12 Clock Register (1=Enable, 0=Disable) Bit Pin# Default Description Bit 7 - 1 Reserved Bit 6 12 1 SDRAM12 (Active/Inactive) Bit 5 - 1 Reserved Bit 4 - 1 Reserved Bit 3 - 1 Reserved Bit 2 - 1 Reserved Bit 1 - 1 Reserved Bit 0 - 1 Reserved |