công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT25QL321-DWF bảng dữ liệu(PDF) 10 Page - Dialog Semiconductor

tên linh kiện AT25QL321-DWF
Giải thích chi tiết về linh kiện  32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL321-DWF bảng dữ liệu(HTML) 10 Page - Dialog Semiconductor

Back Button AT25QL321-DWF Datasheet HTML 6Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 7Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 8Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 9Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 10Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 11Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 12Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 13Page - Dialog Semiconductor AT25QL321-DWF Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
9
AT25QL321
DS-25QL321–131C–5/2017
5.
Write Protection
To protect inadvertent writes by the possible noise, several means of protection are applied to the Flash memory.
5.1
Write Protect Features
While Power-on reset, all operations are disabled and no instruction is recognized.
An internal time delay of tPUW can protect the data against inadvertent changes while the power supply is outside
the operating specification. This includes the Write Enable, Page program, Block Erase, Chip Erase, Write Security
Register and the Write Status Register instructions.
For data changes, Write Enable instruction must be issued to set the Write Enable Latch (WEL) bit to “0”. Power-
up, Completion of Write Disable, Write Status Register, Page program, Block Erase and Chip Erase are subjected to
this condition.
Write Protect (WP) pin can control to change the Status Register under hardware control.
The Deep Power Down mode provides extra protection from unexpected data changes as all instructions are ignored
under this status except for Release Deep Power Down instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com