| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCIMX6D4AVT10CD bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCIMX6D4AVT10CD bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 170 page ![]() i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors, Rev. 6, 11/2018 4 NXP Semiconductors Introduction Figure 1 describes the part number nomenclature to identify the characteristics of the specific part number you have (for example, cores, frequency, temperature grade, fuse options, silicon revision). Figure 1 applies to the i.MX 6Dual/6Quad. The two characteristics that identify which data sheet a specific part applies to are the part number series field and the temperature grade (junction) field: • The i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors data sheet (IMX6DQAEC) covers parts listed with “A (Automotive temp)” •The i.MX 6Dual/6Quad Applications Processors for Consumer Products data sheet (IMX6DQCEC) covers parts listed with “D (Commercial temp)” or “E (Extended Commercial temp)” • The i.MX 6Dual/6Quad Applications Processors for Industrial Products data sheet (IMX6DQIEC) covers parts listed with “C (Industrial temp)” The Ensure that you have the right data sheet for your specific part by checking the temperature grade (junction) field and matching it to the right data sheet. If you have questions, see nxp.com/imx6series or contact your NXP representative. MCIMX6D4AVT10AE i.MX 6Dual Includes GPU, no VPU 1 GHz Automotive 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (lidded) MCIMX6D6AVT08AC i.MX 6Dual Includes VPU, GPU 852 MHz Automotive 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (lidded) MCIMX6D6AVT08AD i.MX 6Dual Includes VPU, GPU 852 MHz Automotive 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (lidded) MCIMX6D6AVT08AE i.MX 6Dual Includes VPU, GPU 852 MHz Automotive 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (lidded) MCIMX6D4AVT08AC i.MX 6Dual Includes GPU, no VPU 852 MHz Automotive 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (lidded) MCIMX6D4AVT08AD i.MX 6Dual Includes GPU, no VPU 852 MHz Automotive 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (lidded) MCIMX6D4AVT08AE i.MX 6Dual Includes GPU, no VPU 852 MHz Automotive 21 mm x 21 mm, 0.8 mm pitch, FCPBGA (lidded) 1 If a 24 MHz input clock is used (required for USB), the maximum SoC speed is limited to 996 MHz. Table 1. Example Orderable Part Numbers (continued) Part Number Quad/Dual CPU Options Speed1 Grade Temperature Grade Package |