công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT25DL081 bảng dữ liệu(PDF) 32 Page - Dialog Semiconductor

tên linh kiện AT25DL081
Giải thích chi tiết về linh kiện  8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DL081 bảng dữ liệu(HTML) 32 Page - Dialog Semiconductor

Back Button AT25DL081 Datasheet HTML 28Page - Dialog Semiconductor AT25DL081 Datasheet HTML 29Page - Dialog Semiconductor AT25DL081 Datasheet HTML 30Page - Dialog Semiconductor AT25DL081 Datasheet HTML 31Page - Dialog Semiconductor AT25DL081 Datasheet HTML 32Page - Dialog Semiconductor AT25DL081 Datasheet HTML 33Page - Dialog Semiconductor AT25DL081 Datasheet HTML 34Page - Dialog Semiconductor AT25DL081 Datasheet HTML 35Page - Dialog Semiconductor AT25DL081 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
31
AT25DL081 [DATASHEET]
8732H–DFLASH–04/2021
10.3 Read Sector Lockdown Registers
The Sector Lockdown Registers can be read to determine the current lockdown status of each physical 64KB sector. To
read the Sector Lockdown Register for a particular 64KB sector, the CS pin must first be asserted and then the opcode
35h must be clocked in. Once the opcode has been clocked in, three address bytes designating any address within the
64KB sector must be clocked in. After the address bytes have been clocked in, data will be output on the SO pin during
every subsequent clock cycle. The data being output will be a repeating byte of either FFh or 00h to denote the value of
the appropriate Sector Lockdown Register.
At clock frequencies above fCLK, the first byte of data output will not be valid. Therefore, if operating at clock frequencies
above fCLK, at least two bytes of data must be clocked out from the device in order to determine the correct status of the
appropriate Sector Lockdown Register.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-impedance state. The CS pin can
be deasserted at any time and does not require that a full byte of data be read.
Figure 10-3. Read Sector Lockdown Register
Table 10-2. Read Sector Lockdown Register – Output Data
Output Data
Sector Lockdown Register Value
00h
Sector Lockdown Register value is 0 (sector is not locked down).
FFh
Sector Lockdown Register value is 1 (sector is permanently locked down).
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110101
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
Opcode
AAAA
AAA
AA
MSB
XXXXXXXX
MSB
MSB
DDDDDDDD
D
D
Don't Care
Data Byte
High-impedance
Address Bits A23-A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com