| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PL611-30XXXMC-R bảng dữ liệu(PDF) 7 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PL611-30XXXMC-R bảng dữ liệu(HTML) 7 Page - PhaseLink Corporation |
|
7 / 7 page ![]() Preliminary PL611-30 Programmable Quick Turn ClockTM 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 03/03/05 Page 7 ORDERING INFORMATION PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation. For part ordering, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991 PART NUMBER The order number for this device is a combination of the following: Device number, Package type and Operating temperature range PL611-XXX X X-R * PhaseLink will assign a unique 3-digit ID code for each approved programmed part number. * PhaseLink offers Green Package Only for this product family. Part / Order Number Marking Package Option PL611-30-XXXSC C3XXX 8-Pin SOIC (Tube) PL611-30-XXXSC-R C3XXX 8-Pin SOIC (Tape and Reel) PL611-30-XXXMC C3XXX 8-Pin MSOP (Tube) PL611-30-XXXMC-R C3XXX 8-Pin MSOP (Tape and Reel) PART NUMBER TEMPERATURE C=COMMERCIAL I = INDUSTRIAL PACKAGE TYPE S=SOIC M=MSOP 3 DIGIT ID Code * NONE= TUBE R=TAPE and REEL |