| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC210-11-R bảng dữ liệu(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
SC210-11-R bảng dữ liệu(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 14 page ![]() MODEL: SC210 SC210 SPECIFICATIONS ES-6340 Rev.18 Page 6/14 http://www.m-system.co.jp/ EXTERNAL VIEW Auto/Man ■ CONTROL MODULE FRONT VIEW • Infrared communication type 1 3 2 4 5 6 7 • Stereo jack type ■ BACKUP MODULE 9 10 13 12 11 4 5 6 7 1 8 Auto/Man 2 1. TFT Color LCD with touch panel Provides operation and engineering views to facilitate monitoring and setting 2. MV output setting indicator LEDs for the backup mode 3. Infrared communication port Used to communicate with PC via IRDA Communication Adaptor (model: COP-IRDA) to program and change parameters using Loop Configuration Builder Software (model: SFEW3E) or PC Configurator Software (model: SCCFG) 4. MV value (DOWN) button 5. Acceleration button (Accelerates MV signal’s changing speed by pressing simultaneously with MV value button) 6. MV value (UP) button 7. Auto / Man selector (changes the control mode for MV output) 8. Configurator jack and cap Connects with a PC where Loop Configuration Builder Software (model: SFEW3E) or PC configurator software (model: SCCFG) is installed via a PC configurator cable (model: COP-US) and enables programming and parameter setting 9. MV output setting indicators 10. Configurator jack 11. MV value (UP) button 12. Acceleration button (Accelerates MV signal’s changing speed by pressing simultaneously with MV value button) 13. MV value (DOWN) button |