| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC200D bảng dữ liệu(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
SC200D bảng dữ liệu(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 11 page ![]() MODEL: SC200D SC200D SPECIFICATIONS ES-6334 Rev.0 Page 6/11 http://www.m-system.co.jp/ EXTERNAL VIEW Auto/Man 1. TFT Color LCD with touch panel Provides operation and engineering views to facilitate monitoring and setting 2. Configurator jack and cap Connects with a PC where Loop Configuration Builder Software (model: SFEW3E) or PC configurator software (model: SCCFG) is installed via a PC configurator cable (model: COP-US) and enables programming and parameter setting 3. MV value (DOWN) button 4. Acceleration button (Accelerates MV signal’s changing speed by pressing simultaneously with MV value button) 5. MV value (UP) button 6. Auto / Man selector (changes the control mode for MV output) 1 2 3 4 5 6 COMMUNICATION CABLE CONNECTIONS SML SML This unit *1 *1 T1 T2 T3 T4 T1 T2 T3 T4 T1 T2 T3 T4 ■ Modbus-RTU ■ NestBus R2K-1 This unit This unit RS-232-C RS-485 *1 *1 *1. Internal terminating resistor is used when the device is at the end of a transmission line. *2. Install shield cables to all sections and ground them at single point. *2 FG *2 FG RS-485 T1 T2 T3 T4 T1 T2 T3 T4 T1 T2 T3 T4 |