| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM358BAIDR bảng dữ liệu(PDF) 14 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM358BAIDR bảng dữ liệu(HTML) 14 Page - Texas Instruments |
|
14 / 61 page ![]() 7.9 Electrical Characteristics: LM158, LM158A For VS = (V+) – (V–) = 5 V, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS(1) MIN TYP(2) MAX UNIT OFFSET VOLTAGE VOS Input offset voltage VS = 5 V to 30 V; VC M = 0 V; VO = 1.4 V LM158 3 5 mV TA = –55°C to 125°C 7 LM158A 2 TA = –55°C to 125°C 4 dVOS/dT Input offset voltage drift LM158 TA = –55°C to 125°C 7 µV/°C LM158A TA = –55°C to 125°C 7 15(3) PSRR Input offset voltage vs power supply (ΔVIO/ΔVS) VS = 5 V to 30 V 65 100 dB VO1/ VO2 Channel separation f = 1 kHz to 20 kHz 120 dB INPUT VOLTAGE RANGE VCM Common-mode voltage range VS = 5 V to 30 V LM158 (V–) (V+) – 1.5 V VS = 30 V LM158A VS = 5 V to 30 V LM158 TA = –55°C to 125°C (V–) (V+) – 2 VS = 30 V LM158A CMRR Common-mode rejection ratio VS = 5 V to 30 V; VCM = 0 V 70 80 dB INPUT BIAS CURRENT IB Input bias current VO = 1.4 V LM158 –20 –150 nA TA = –55°C to 125°C –300 LM158A –15 –50 TA = –55°C to 125°C –100 IOS Input offset current VO = 1.4 V LM158 2 30 nA TA = –55°C to 125°C 100 LM158A 2 10 TA = –55°C to 125°C 30 dIOS/dT Input offset current drift 10 pA/°C LM158A TA = –55°C to 125°C 200 NOISE en Input voltage noise density f = 1 kHz 40 nV/√ Hz OPEN-LOOP GAIN AOL Open-loop voltage gain VS = 15 V; VO = 1 V to 11 V; RL ≥ 2 kΩ 50 100 V/mV TA = –55°C to 125°C 25 FREQUENCY RESPONSE GBW Gain bandwidth product 0.7 MHz SR Slew rate G = +1 0.3 V/µs OUTPUT VO Voltage output swing from rail Positive rail VS = 30 V; RL = 2 kΩ TA = –55°C to 125°C 4 V VS = 30 V; RL ≥ 10 kΩ 2 3 VS = 5 V; RL ≥ 2 kΩ 1.5 Negative rail VS = 5 V; RL ≤ 10 kΩ TA = –55°C to 125°C 5 20 mV IO Output current VS = 15 V; VO = 0 V; VID = 1 V Source –20 –30 mA LM158A –60 TA = –55°C to 125°C –10 VS = 15 V; VO = 15 V; VID = –1 V Sink 10 20 TA = –55°C to 125°C 5 VID = –1 V; VO = 200 mV 12 30 µA ISC Short-circuit current VS = 10 V; VO = VS / 2 ±40 ±60 mA LM158, LM158A, LM258, LM258A LM2904, LM2904B, LM2904BA, LM2904V LM358, LM358A, LM358B, LM358BA SLOS068Z – JUNE 1976 – REVISED JULY 2021 www.ti.com 14 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358 LM358A LM358B LM358BA |