công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT24CM02 bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện AT24CM02
Giải thích chi tiết về linh kiện  I짼C-Compatible (Two-Wire) Serial EEPROM 2?멝bit (262,144 x 8)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CM02 bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button AT24CM02 Datasheet HTML 2Page - Microchip Technology AT24CM02 Datasheet HTML 3Page - Microchip Technology AT24CM02 Datasheet HTML 4Page - Microchip Technology AT24CM02 Datasheet HTML 5Page - Microchip Technology AT24CM02 Datasheet HTML 6Page - Microchip Technology AT24CM02 Datasheet HTML 7Page - Microchip Technology AT24CM02 Datasheet HTML 8Page - Microchip Technology AT24CM02 Datasheet HTML 9Page - Microchip Technology AT24CM02 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
2.5
Write-Protect (WP)
The write-protect input, when connected to GND, allows normal write operations. When the WP pin is connected
directly to VCC, all write operations to the protected memory are inhibited.
If the pin is left floating, the WP pin will be internally pulled down to GND. However, due to capacitive coupling that
may appear in customer applications, Microchip recommends always connecting the WP pin to a known state. When
using a pull‑up resistor, Microchip recommends using 10 kΩ or less.
Table 2-2. Write-Protect
WP Pin Status
Part of the Array Protected
At VCC
Full Array
At GND
Normal Write Operations
2.6
Device Power Supply
The VCC pin is used to supply the source voltage to the device. Operations at invalid VCC voltages may produce
spurious results and should not be attempted.
AT24CM02
Pin Descriptions
© 2019-2021 Microchip Technology Inc.
Datasheet
DS20006197C-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34