| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OMT100-R101-2EP-IO-V31 bảng dữ liệu(PDF) 1 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
OMT100-R101-2EP-IO-V31 bảng dữ liệu(HTML) 1 Page - Pepperl+Fuchs Inc. |
|
1 / 4 page ![]() Germany: +49 621 776 4411 Pepperl+Fuchs Group Refer to “General Notes Relating to Pepperl+Fuchs Product Information”. USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com 1 Distance sensor OMT100-R101-2EP-IO-V31 Dimensions Electrical connection Pinout Indicators/operating means 3 6.4 ø 3.2 (2x) 8 18.3 20.5 6.6 9.85 M8x1 M2 (2x) Emitter Receiver 1 L+ 4 2 3 Q2 C/Q L- 13 24 1 BN 2 WH 3 BU 4 BK Wire colors in accordance with EN 60947-5-2 (brown) (white) (blue) (black) 1 TEACH-IN button 2 Mode rotary switch 3 Switch output indicator Q2 4 Switch output indicator Q1 5 Operating indicator I Switch output 1 / switch point B II Switch output 1 / switch point A III Switch output 2 / switch point A IV Switch output 2 / B V Keylock I II III IV V 3 4 5 1 2 Model Number OMT100-R101-2EP-IO-V31 Distance sensor with 4-pin, M8 x 1 connector Features • Miniature design with versatile mounting options • Space-saving distance sensors in small standardized design • Multi Pixel Technology (MPT) - exact and precise signal evaluation • IO-link interface for service and process data Product information The miniature optical sensors are the first devices of their kind to offer an end-to- end solution in a small single standard design — from thru-beam sensor through to a distance measurement device. As a result of this design, the sensors are able to perform practically all standard automation tasks. The DuraBeam laser sensors are durable and can be used in the same way as a standard sensor. The use of Multi Pixel Technology gives the standard sensors a high level of flexibility and enables them to adapt more effectively to their operating environment. |
Số phần tương tự - OMT100-R101-2EP-IO-V31 |
|
Mô tả tương tự - OMT100-R101-2EP-IO-V31 |