| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD70200 bảng dữ liệu(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PD70200 bảng dữ liệu(HTML) 15 Page - Microchip Technology |
|
15 / 24 page ![]() ...........continued Pin Pin Name (PD70100) Pin Name (PD70200) Type Description 9 N.C. AT_FLAG Open drain The two-event detector should discern between AF and AT classification waveforms and outputs the AT_FLAG (PD70200 only). 10 PGOOD PGOOD Open drain After startup, a PGOOD flag is generated in order to optionally inform the application DC/DC converter that the power rails are ready. 11 VAUX VAUX Power Auxiliary output voltage to VPNOUT. Can be used for DC-DC startup for bootstrap initiation. 12 VPP VPP Power High voltage positive input, reference to VPNIN and high voltage positive input, reference to VPNOUT during capacitor discharge. EP EPAD EPAD Connect to VPNIN. EPAD should be connected to a large copper area for improved thermal management. PD70100/PD70200 Pin Description © 2020 Microchip Technology Inc. Datasheet DS00003639A-page 15 |