| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS873033AMLFT bảng dữ liệu(PDF) 10 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS873033AMLFT bảng dữ liệu(HTML) 10 Page - Integrated Circuit Systems |
|
10 / 16 page ![]() 873033AM www.icst.com/products/hiperclocks.html REV. A OCTOBER 19, 2005 10 Integrated Circuit Systems, Inc. ICS873033 HIGH SPEED, ÷4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR V CC - 2V 50 Ω 50 Ω RTT Z o = 50Ω Z o = 50Ω FOUT FIN RTT = Z o 1 ((V OH + VOL) / (VCC – 2)) – 2 3.3V 125 Ω 125 Ω 84 Ω 84 Ω Z o = 50Ω Z o = 50Ω FOUT FIN The clock layout topology shown below is a typical termina- tion for LVPECL outputs. The two different layouts mentioned are recommended only as guidelines. FOUT and nFOUT are low impedance follower outputs that gen- erate ECL/LVPECL compatible outputs. Therefore, terminating resistors (DC current path to ground) or current sources must be used for functionality. These outputs are designed to drive 50 Ω transmission lines. Matched impedance techniques should be used to maximize operating frequency and mini- mize signal distortion. Figures 5A and 5B show two different layouts which are recommended only as guidelines. Other suitable clock layouts may exist and it would be recommended that the board designers simulate to guarantee compatibility across all printed circuit and clock component process varia- tions. TERMINATION FOR 3.3V LVPECL OUTPUTS FIGURE 5B. LVPECL OUTPUT TERMINATION FIGURE 5A. LVPECL OUTPUT TERMINATION TERMINATION FOR 5V LVPECL OUTPUT This section shows examples of 5V LVPECL output termina- tion. Figure 6A shows standard termination for 5V LVPECL. The termination requires matched load of 50 Ω resistors pull down to V CC - 2V = 3V at the receiver. Figure 6B shows Thevenin Zo = 50 Ohm R2 50 Zo = 50 Ohm 5V 3V PECL + - R1 50 5V PECL R4 84 5V Zo = 50 Ohm R3 84 R2 125 5V PECL PECL + - Zo = 50 Ohm R1 125 FIGURE 6A. STANDARD 5V PECL OUTPUT TERMINATION FIGURE 6B. 5V PECL OUTPUT TERMINATION EXAMPLE equivalence of Figure 6A. In actual application where the 3V DC power supply is not available, this approached is nor- mally used. |